전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0B1VB 데이터시트(PDF) 155 Page - STMicroelectronics

부품명 STM32G0B1VB
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1VB 데이터시트(HTML) 155 Page - STMicroelectronics

Back Button STM32G0B1VB Datasheet HTML 151Page - STMicroelectronics STM32G0B1VB Datasheet HTML 152Page - STMicroelectronics STM32G0B1VB Datasheet HTML 153Page - STMicroelectronics STM32G0B1VB Datasheet HTML 154Page - STMicroelectronics STM32G0B1VB Datasheet HTML 155Page - STMicroelectronics STM32G0B1VB Datasheet HTML 156Page - STMicroelectronics STM32G0B1VB Datasheet HTML 157Page - STMicroelectronics STM32G0B1VB Datasheet HTML 158Page - STMicroelectronics STM32G0B1VB Datasheet HTML 159Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 155 / 159 page
background image
DS13560 Rev 2
155/159
STM32G0B1xB/xC/xE
156
6.11
Thermal characteristics
The operating junction temperature TJ must never exceed the maximum given in
The maximum junction temperature in °C that the device can reach if respecting the
operating conditions, is:
TJ(max) = TA(max) + PD(max) x ΘJA
where:
•
TA(max) is the maximum operating ambient temperature in °C,
•
ΘJA is the package junction-to-ambient thermal resistance, in °C/W,
•
PD = PINT + PI/O,
–PINT is power dissipation contribution from product of IDD and VDD
–PI/O is power dissipation contribution from output ports where:
PI/O = Σ (VOL × IOL) + Σ ((VDDIO1 – VOH) × IOH),
taking into account the actual VOL / IOL and VOH / IOH of the I/Os at low and high
level in the application.
6.11.1
Reference document
JESD51-2 Integrated Circuits Thermal Test Method Environment Conditions - Natural
Convection (still air). Available from www.jedec.org.
6.11.2
Selecting the product temperature range
The temperature range is specified in the ordering information scheme shown in Section 7:
Ordering information.
Table 24: General operating conditions.
Table 95. Package thermal characteristics
Symbol
Parameter
Package
Value
Unit
Junction-
to-ambient
Junction-
to-board
Junction-
to-case
Θ
Thermal resistance
LQFP100 14 × 14 mm
47
23
9
°C/W
UFBGA100 7 × 7 mm
48
30
12
LQFP80 12 x 12 mm
51
24
10
LQFP64 10 × 10 mm
53
25
11
UFBGA64 5 × 5 mm
51
32
32
WLCSP52 TBD × TBD mm
55
23
3
LQFP48 7 × 7 mm
59
27
13
UFQFPN48 7 × 7 mm
28
12
9
LQFP32 7 × 7 mm
59
27
13
UFQFPN32 5 × 5 mm
35
20
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com