전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F87-I/P 데이터시트(PDF) 34 Page - Microchip Technology

부품명 PIC16F87-I/P
상세설명  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87-I/P 데이터시트(HTML) 34 Page - Microchip Technology

Back Button PIC16F87-I/P Datasheet HTML 30Page - Microchip Technology PIC16F87-I/P Datasheet HTML 31Page - Microchip Technology PIC16F87-I/P Datasheet HTML 32Page - Microchip Technology PIC16F87-I/P Datasheet HTML 33Page - Microchip Technology PIC16F87-I/P Datasheet HTML 34Page - Microchip Technology PIC16F87-I/P Datasheet HTML 35Page - Microchip Technology PIC16F87-I/P Datasheet HTML 36Page - Microchip Technology PIC16F87-I/P Datasheet HTML 37Page - Microchip Technology PIC16F87-I/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 214 page
background image
PIC16F87/88
DS30487B-page 32
Preliminary
 2003 Microchip Technology Inc.
3.7
Writing to FLASH Program
Memory
FLASH program memory may only be written to if the
destination address is in a segment of memory that is
not write protected, as defined in bits WRT1:WRT0 of
the device configuration word (Register 15-1). FLASH
program memory must be written in four-word blocks.
A block consists of four words with sequential
addresses, with a lower boundary defined by an
address, where EEADR<1:0> = 00. At the same time,
all block writes to program memory are done as write
only operations. The program memory must first be
erased. The write operation is edge-aligned, and
cannot occur across boundaries.
To write to the program memory, the data must first be
loaded into the buffer registers. There are four 14-bit
buffer registers and they are addressed by the low
2 bits of EEADR.
Loading data into the buffer registers is accomplished
via the EEADR, EEADT, EECON1 and EECON2
registers as follows:
• Set EECON1 PGD and WREN
• Write address to EEADRH:EEADR
• Write data to EEDATA:EEDATH
• Write 55, AA to EECON2
• Set WR bit in EECON1
There are 4 buffer register words and all four locations
MUST be written to with correct data.
After
the
“BSF
EECON1,WR
”
instruction,
if
EEADR
≠ xxxxxx11, then a short write will occur.
This short write only transfers the data to the buffer reg-
ister. The WR bit will be cleared in hardware after 1
cycle. The core will not halt and there will be no
EEWHLT signal generated.
After
the
“BSF
EECON1,WR
”
instruction,
if
EEADR = xxxxxx11, then a long write will occur. This
will
simultaneously
transfer
the
data
from
EEDATH:EEDATA to the buffer registers and begin the
write of all four words. The processor will execute the
next instruction and then ignore the subsequent
instruction. The user should place NOP instructions into
the second words. The processor will then halt internal
operations for typically 2 msec in which the write takes
place. This is not SLEEP mode, as the clocks and
peripherals will continue to run. After the write cycle,
the processor will resume operation with the 3rd
instruction after the EECON1 write instruction.
After each long write, the 4 buffer registers will be reset
to 3FFF.
FIGURE 3-1:
BLOCK WRITES TO FLASH PROGRAM MEMORY
14
14
14
14
Program Memory
Buffer Register
EEADR<1:0>
= 00
Buffer Register
EEADR<1:0>
= 01
Buffer Register
EEADR<1:0>
= 10
Buffer Register
EEADR<1:0>
= 11
EEDATA
EEDATH
75
07
0
6
8
First word of block
to be written
to FLASH
automatically
after this word
is written
transferred
All buffers are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com