전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT9172 데이터시트(PDF) 8 Page - Holtek Semiconductor Inc

부품명 HT9172
상세설명  DTMF Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9172 데이터시트(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9172 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Output
The data outputs, D0~D3, are tristate outputs. When the OE input is low, the D0~D3 data outputs, will be in a high im-
pedance condition.
Application Circuits
Application Circuit 1
Application Circuit 2
HT9172
Rev. 1.00
8
March 30, 2006
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
V D D
R T / G T
E S T
D V
D 3
D 2
D 1
D 0
O E
V P
V N
G S
V R E F
I N H
P W D N
X 1
X 2
V S S
0 . 1 m F
3 0 0 k W
V D D
1 0 0 k W
1 0 0 k W
0 . 1 m F
D T M F
T o o t h e r d e v i c e
V S S
X ' t a l
C 1
C 2
T o o t h e r d e v i c e
H T 9 1 7 2
0 . 1 m F
E x a m p l e : A v = 3
R 1 = 6 0 k W
R 2 = 1 0 0 k W
R 3 = 6 0 k W
R 4 = 1 5 0 k W
R 5 = 3 0 0 k W
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
V D D
R T / G T
E S T
D V
D 3
D 2
D 1
D 0
O E
V P
V N
G S
V R E F
I N H
P W D N
X 1
X 2
V S S
0 . 1 m F
3 0 0 k W
V D D
V S S
0 . 1 m F
T o o t h e r d e v i c e
D T M F
X ' t a l
C 1
C 2
0 . 1 m F
R 1
R 2
1 8 0 p F
R 3
R 4
R 5
R 3 =
R 2 R 4
R 2 + R 4
R 3 + R 5
R 1 + R 3
R 5
R 2
A v =
=
H T 9 1 7 2
T o o t h e r d e v i c e
0 . 1 m F
Note:
X
¢tal = 3.579545MHz crystal
C1=C2
@ 20pF
X
¢tal = 3.58MHz ceramic resonator
C1=C2
@ 39pF
Note:
X
¢tal = 3.579545MHz crystal
C1=C2
@ 20pF
X
¢tal = 3.58MHz ceramic resonator
C1=C2
@ 39pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com