전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT9172 데이터시트(PDF) 1 Page - Holtek Semiconductor Inc

부품명 HT9172
상세설명  DTMF Receiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9172 데이터시트(HTML) 1 Page - Holtek Semiconductor Inc

  HT9172 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9172 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT9172
DTMF Receiver
Block Diagram
Rev. 1.00
1
March 30, 2006
Features
· Operating voltage: 2.5V~5.5V
· Minimal external component requirements
· No external filter required
· Low standby current in power down mode)
· Excellent performance
· Tristate data output for MCU interface
· 3.58MHz crystal or ceramic resonator oscillator
· 1633Hz can be inhibited by the INH pin
· 18-pin DIP/SOP packaging
General Description
The HT9172 is a Dual Tone Multi Frequency (DTMF) re-
ceiver device which includes an integrated digital de-
coder and band split filter functions as well as
power-down and inhibit mode operations. The device
uses digital counting techniques to detect and decode
the full range of 16 DTMF tone pairs into a 4-bit code
output. Highly accurate switched capacitor filters are uti-
lised to divide the DTMF dual tone frequencies into low
and high group signals. An integrated dial tone rejection
circuit is provided to eliminate the need for pre-filtering.
O P A
X 2
X 1
3 . 5 8 M H z
C r y s t a l
O s c i l l a t o r
V r e f
G e n e r a t o r
L o w G r o u p
F i l t e r
H i g h G r o u p
F i l t e r
S t e e r i n g C o n t r o l C i r c u i t
P r e - F i l t e r
V P
V N
G S
F r e q u e n c y
D e t e c t o r
C o d e
D e t e c t o r
L a t c h
&
O u t p u t
B u f f e r
O E
V R E F
R T / G T
E S T
D V
D 0
D 1
D 2
D 3
I N H
B i a s
C i r c u i t
P W D N
D V B
Technical Document
· Tools Information
· FAQs
· Application Note


유사한 부품 번호 - HT9172

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT9172 HOLTEK-HT9172_09 Datasheet
138Kb / 14P
DTMF Receiver
More results

유사한 설명 - HT9172

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
DTMF Receiver
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
DTMF Receiver?
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
DTMF Receiver
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com