전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STHS34PF80 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STHS34PF80
상세설명  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STHS34PF80 Datasheet HTML 2Page - STMicroelectronics STHS34PF80 Datasheet HTML 3Page - STMicroelectronics STHS34PF80 Datasheet HTML 4Page - STMicroelectronics STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics STHS34PF80 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4
Optical specifications
Table 4. Optical specification
Symbol
Parameter
Test condition
Min.
Typ. (1)
Max.
Unit
FFOV
Full field of view
At 50% intensity
80
Degree
1. Typical specifications are not guaranteed.
Figure 3. Typical field of view measurements
Figure 4. Filter transmittance typical curve
STHS34PF80
Optical specifications
DB4312 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13