전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STHS34PF80 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STHS34PF80
상세설명  Low-power, high-sensitivity infrared sensor for presence and motion detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS34PF80 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STHS34PF80 Datasheet HTML 4Page - STMicroelectronics STHS34PF80 Datasheet HTML 5Page - STMicroelectronics STHS34PF80 Datasheet HTML 6Page - STMicroelectronics STHS34PF80 Datasheet HTML 7Page - STMicroelectronics STHS34PF80 Datasheet HTML 8Page - STMicroelectronics STHS34PF80 Datasheet HTML 9Page - STMicroelectronics STHS34PF80 Datasheet HTML 10Page - STMicroelectronics STHS34PF80 Datasheet HTML 11Page - STMicroelectronics STHS34PF80 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Table 5. Internal pin status
Pin number
Name
Default pin status
1
SCL / SPC
Default : Input without pull-up
2
RES
3
CS
Default : Input with pull-up
4
SDA / SDI/O
Default : Input without pull-up
5
NC
6
VDD
7
GND
8
GND
9
VDD
10
INT
Default : Input without pull-up
STHS34PF80
Application schematics
DB4312 - Rev 1
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13