전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH7040AY 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 VNH7040AY
상세설명  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 5Page - STMicroelectronics VNH7040AY Datasheet HTML 6Page - STMicroelectronics VNH7040AY Datasheet HTML 7Page - STMicroelectronics VNH7040AY Datasheet HTML 8Page - STMicroelectronics VNH7040AY Datasheet HTML 9Page - STMicroelectronics VNH7040AY Datasheet HTML 10Page - STMicroelectronics VNH7040AY Datasheet HTML 11Page - STMicroelectronics VNH7040AY Datasheet HTML 12Page - STMicroelectronics VNH7040AY Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
DocID028118 Rev 5
9/48
VNH7040AY
Block diagram and pin description
47
MultiSense
Multiplexed Analog Signal. It delivers a current proportional to the load or a
voltage proportional to the VCC voltage or a voltage proportional to the chip
temperature whenever the MultiSense_EN is set to high. The desired signal is
chosen via SEL0 and SEL1 levels. The MultiSense pin supplies as well a Fault
Flag when a fault is detected on the selected path A or B.
MultiSense_EN
Active high compatible with 3 V and 5 V CMOS output pin. It enables the
MultiSense diagnostic pin.
1. If the device is used in Bridge configuration we indicate: Source_HSDA = Drain_LSDA = OUTA;
Source HSDB = Drain LSDB = OUTB; OUTA and OUTB are the power connections to the motor.
Table 4. Pin functions description (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48