전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH7040AY 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 VNH7040AY
상세설명  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 26Page - STMicroelectronics VNH7040AY Datasheet HTML 27Page - STMicroelectronics VNH7040AY Datasheet HTML 28Page - STMicroelectronics VNH7040AY Datasheet HTML 29Page - STMicroelectronics VNH7040AY Datasheet HTML 30Page - STMicroelectronics VNH7040AY Datasheet HTML 31Page - STMicroelectronics VNH7040AY Datasheet HTML 32Page - STMicroelectronics VNH7040AY Datasheet HTML 33Page - STMicroelectronics VNH7040AY Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
MultiSense operation
VNH7040AY
30/48
DocID028118 Rev 5
5
MultiSense operation
5.1
MultiSense analog monitoring
Diagnostic information on device and load status are provided by an analog output pin
(MultiSense) delivering the following signals:
Current monitor: current mirror of channel output current
VCC monitor: voltage proportional to VCC
TCASE: voltage proportional to chip temperature
Those signals are routed through an analog multiplexer which is configured and controlled
by means of SELx and SEn pins, according to the address map in MultiSense multiplexer
addressing table.
Figure 17. MultiSense analog monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48