| 전자부품 데이터시트 검색엔진 |
|
F39-TGR-CVL-B-2-R 데이터시트(PDF) 80 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-2-R 데이터시트(HTML) 80 Page - Omron Electronics LLC |
|
80 / 98 page ![]() 62 List of models Section 15-8 Advanced version, 14 mm resolution, Cascadable, Master unit Type Name Version Resolution [mm] Length [mm] Operation MS4800FS-EA-014-0280 Advanced 14 mm 280 Master MS4800FS-EA-014-0320 Advanced 14 mm 320 Master MS4800FS-EA-014-0360 Advanced 14 mm 360 Master MS4800FS-EA-014-0400 Advanced 14 mm 400 Master MS4800FS-EA-014-0440 Advanced 14 mm 440 Master MS4800FS-EA-014-0480 Advanced 14 mm 480 Master MS4800FS-EA-014-0520 Advanced 14 mm 520 Master MS4800FS-EA-014-0560 Advanced 14 mm 560 Master MS4800FS-EA-014-0600 Advanced 14 mm 600 Master MS4800FS-EA-014-0640 Advanced 14 mm 640 Master MS4800FS-EA-014-0680 Advanced 14 mm 680 Master MS4800FS-EA-014-0720 Advanced 14 mm 720 Master MS4800FS-EA-014-0760 Advanced 14 mm 760 Master MS4800FS-EA-014-0800 Advanced 14 mm 800 Master MS4800FS-EA-014-0840 Advanced 14 mm 840 Master MS4800FS-EA-014-0880 Advanced 14 mm 880 Master MS4800FS-EA-014-0920 Advanced 14 mm 920 Master MS4800FS-EA-014-0960 Advanced 14 mm 960 Master MS4800FS-EA-014-1000 Advanced 14 mm 1000 Master MS4800FS-EA-014-1040 Advanced 14 mm 1040 Master MS4800FS-EA-014-1080 Advanced 14 mm 1080 Master MS4800FS-EA-014-1120 Advanced 14 mm 1120 Master MS4800FS-EA-014-1160 Advanced 14 mm 1160 Master MS4800FS-EA-014-1200 Advanced 14 mm 1200 Master MS4800FS-EA-014-1240 Advanced 14 mm 1240 Master MS4800FS-EA-014-1280 Advanced 14 mm 1280 Master MS4800FS-EA-014-1320 Advanced 14 mm 1320 Master MS4800FS-EA-014-1360 Advanced 14 mm 1360 Master MS4800FS-EA-014-1400 Advanced 14 mm 1400 Master MS4800FS-EA-014-1440 Advanced 14 mm 1440 Master MS4800FS-EA-014-1480 Advanced 14 mm 1480 Master MS4800FS-EA-014-1520 Advanced 14 mm 1520 Master MS4800FS-EA-014-1560 Advanced 14 mm 1560 Master MS4800FS-EA-014-1600 Advanced 14 mm 1600 Master MS4800FS-EA-014-1640 Advanced 14 mm 1640 Master MS4800FS-EA-014-1680 Advanced 14 mm 1680 Master MS4800FS-EA-014-1720 Advanced 14 mm 1720 Master MS4800FS-EA-014-1760 Advanced 14 mm 1760 Master MS4800FS-EA-014-1800 Advanced 14 mm 1800 Master |