전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SR6P7C8 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 SR6P7C8
상세설명  Stellar SR6 P7 line — 32-bit ArmR CortexR‑R52 automotive integration MCU 6x CortexR‑R52 cores, 20 MB NVM (2x 19.5 MB “OTA X2”) 8.2 MB RAM, with embedded virtualization, safety and security
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR6P7C8 데이터시트(HTML) 5 Page - STMicroelectronics

  SR6P7C8 Datasheet HTML 1Page - STMicroelectronics SR6P7C8 Datasheet HTML 2Page - STMicroelectronics SR6P7C8 Datasheet HTML 3Page - STMicroelectronics SR6P7C8 Datasheet HTML 4Page - STMicroelectronics SR6P7C8 Datasheet HTML 5Page - STMicroelectronics SR6P7C8 Datasheet HTML 6Page - STMicroelectronics SR6P7C8 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.3
Block diagram
The figure below shows the top-level block diagram.
Figure 1. Block diagram
Security
Accelerators
COM Accelerator
Cortex-M4 LS “DME”
ADC Manager
Cortex-M4 “DSPH”
DFA
Memories
RAM 8.2MB
PCM 20MB
Data PCM 640KB
System
HW based embedded
Virtualization
ASIL D SEooC
Safe Network on chip w. QOS / Firewalling
15x SWT
4x4x CRC
Debug & Trace
Lock-Step
Cortex®-R52+
I-/D-
Cache
TCM
Lock-Step
Cortex®-R52+
I-/D-
Cache
TCM
Lock-Step
Cortex®-R52+
I-/D-
Cache
TCM
Lock-Step
Cortex®-R52+
I-/D-
Cache
TCM
Split-Lock
Cortex®-R52+
I-/D-
Cache
TCM
Cortex®-R52+
I-/D-
Cache
TCM
NEON
NEON
Analog / Timers
SAR ADCs
12x 12bit + 4x 9bit comp
12x SD ADC 16bit
GTM4154
1x 64bit GST
DSPL (1/SD ADC)
Hi-Res Timer
Connectivity
12x CAN FD
2x I2C
2x SENT (30ch)
10x SPI
2x PSI5
2x 1G-100MB
2x FlexRAY
11x LIN
2x LFAST (C2C)
4x MSC / 2x MSC+
1x Octal SPI w. Hyperbus
2x CAN XL
4x DMA
HSM
4x AES Light
Lockstep



Html Pages

1 2 3 4 5 6 7