전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SR6P7C8 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 SR6P7C8
상세설명  Stellar SR6 P7 line — 32-bit ArmR CortexR‑R52 automotive integration MCU 6x CortexR‑R52 cores, 20 MB NVM (2x 19.5 MB “OTA X2”) 8.2 MB RAM, with embedded virtualization, safety and security
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR6P7C8 데이터시트(HTML) 2 Page - STMicroelectronics

  SR6P7C8 Datasheet HTML 1Page - STMicroelectronics SR6P7C8 Datasheet HTML 2Page - STMicroelectronics SR6P7C8 Datasheet HTML 3Page - STMicroelectronics SR6P7C8 Datasheet HTML 4Page - STMicroelectronics SR6P7C8 Datasheet HTML 5Page - STMicroelectronics SR6P7C8 Datasheet HTML 6Page - STMicroelectronics SR6P7C8 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Security: hardware security module - 2nd generation
•
On-chip high-performance security module with EVITA full support
•
Symmetric and asymmetric cryptography processor
•
High performance lock-stepped AES-light security sub-system for fast ASIL-D cryptographic services
Safety: comprehensive new generation ASIL-D safety concept
•
New state-of-the-art safety measures at all levels of the architecture for most efficient implementation of
ISO26262 ASIL-D functionalities
•
Complete HW virtualization architecture built on Cortex®
‑R52+ new privilege mode (best-in class SW
isolation, real-time support for multiple virtual machine/applications)
Peripheral, IOs, communication interfaces
•
11 LINFlexD modules
•
2 dual-channel FlexRay controllers
•
10 queued serial peripheral interface (SPIQ) modules
•
4 microsecond channels (MSC) and 2 microsecond plus (MSC-Plus) channels
•
2 SENT modules (15 channels each)
•
2 PSI5 modules (1 channel each)
•
Enhanced analog-to-digital converter system with:
–
12 separate 12-bit SAR analog converters (including one supervisor/safety ADC).
–
4 separate 9-bit SAR analog converters (2 channels each) with fast comparator mode
–
12 separate 16-bit sigma-delta analog converter with embedded DSP processor on each SD ADC
–
Enhanced interconnection with GTM timer for autonomous ADC/GTM subsystem operation
•
Advanced timed I/O capability:
–
Generic timer module (GTM4154)
–
High-resolution timer
•
Communication interfaces:
–
2 ethernet controllers 10/100/1000 Mbps, compliant with IEEE 802.3-2008: IPv4 and IPv6 checksum
modules, AVB, VLAN and EMC optimized SGMII
–
11 modular controller area network (MCAN) modules, and 1 time-triggered controller area network
(M-TTCAN), all supporting flexible data rate (ISO CAN-FD)
–
2 CAN-XL interfaces
External memory interfaces
•
2 OctoSPI to support HyperBus™ memory (Flash/RAM) devices
SR6P7C8, SR6P7C4
DB4504 - Rev 5
page 2/7



Html Pages

1 2 3 4 5 6 7