| 전자부품 데이터시트 검색엔진 |
|
VL6180 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL6180 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 73 page ![]() DocID024986 Rev 14 11/73 VL6180 Overview 69 1.6 Recommended reflow profile The recommend reflow profile is shown in Figure 5 and Table 3. Figure 5. Recommended reflow profile Note: As the VL6180 package is not sealed, only a dry re-flow process should be used (such as convection re-flow). Vapor phase re-flow is not suitable for this type of optical component. The VL6180 is an optical component and as such, it should be treated carefully. This would typically include using a ‘no-wash’ assembly process. Table 3. Recommended reflow profile Profile Ramp to strike Temperature gradient in preheat (T= 70 - 180 C): 0.9 +/- 0.1 C/s Temperature gradient (T= 200 - 225 C): 1.1 - 3.0 C/s Peak temperature in reflow 237 C - 245C Time above 220 C 50 +/- 10 seconds Temperature gradient in cooling -1 to -4 C/s (-6C/s maximum) Time from 50 to 220 C 160 to 220 seconds |