전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM8805 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 PM8805
상세설명  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 18Page - STMicroelectronics PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
PM8805 overview
PM8805
22/48
DS12813 Rev 2
Figure 5. Classification signals and timings
Both CLS1 and CLS2 have been designed as voltage regulators, loaded by external class
resistors. Figure 6 depicts a simplified schematic of the classification circuits. During
Classification the voltage of the relevant CLS pins is set to Vcls (1.4 V typ.).
In order to set the PD requested class properly, CLS1 and CLS2 pins have to be loaded with
the resistors defined in Table 7.
Figure 6. CLS internal circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48