| 전자부품 데이터시트 검색엔진 |
|
A111-001-R 데이터시트(PDF) 8 Page - Acconeer AB |
|
|
|||||||||||||||||||||||||||||
A111-001-R 데이터시트(HTML) 8 Page - Acconeer AB |
|
8 / 35 page ![]() A111 Pulsed Coherent Radar (PCR) Datasheet, v2.8 © 2022 Copyright by Acconeer 2022-06-22 Page 8 of 35 Pin Pin name Pin type Description Comment E1, E2, E9, E10 GND Ground Must be connected to solid ground plane F1 GND Ground Must be connected to solid ground plane F2, F9 GND Ground Must be connected to solid ground plane F10 ENABLE I/O Must be connected to host MCU available GPIO. ENABLE is active high G1, G10 GND Ground Must be connected to solid ground plane H1 GND Ground Must be connected to solid ground plane H2, H9 GND Ground Must be connected to solid ground plane H10 XOUT CLK XTAL output J1 VBIAS Analog The analog VBIAS must be connected to VIO_3 J2 SPI_SS I/O SPI slave select, active low select. J3, J5, J6, J8 GND Ground Must be connected to solid ground plane J9 VIO_3a Supply voltage Supply voltage, digital part (1) J10 XIN CLK XTAL input K2 SPI_CLK I/O SPI Serial Clock K3 SPI_MISO I/O Master Input – Slave Output K4 GND Ground Must be connected to solid ground plane K5 GND Ground Must be connected to solid ground plane K6 SPI_MOSI I/O Master Output – Slave Input K7 GND Ground Must be connected to solid ground plane K8 INTERRUPT I/O Interrupt signal, that is used as an interrupt in the host, more details are found in section 7, Description. mandatory K9 VIO_3b Supply voltage Supply voltage, digital part (1) Table 4.1. A111 sensor pin list. (1) VIO_1a and VIO_1b are short circuit inside the sensor. VIO_2a and VIO_2b are short circuit inside the sensor. VIO_3a and VIO_3b are short circuit inside the sensor. |