전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSM6DSO16IS 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 LSM6DSO16IS
상세설명  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with ISPU - intelligent sensor processing unit
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO16IS 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button LSM6DSO16IS Datasheet HTML 47Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 48Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 49Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 50Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 51Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 52Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 53Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 54Page - STMicroelectronics LSM6DSO16IS Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 107 page
background image
IF address (hex)
ISPU address (hex)
Bytes
Name
IF access
ISPU access
42-43
6842-6843
2
ISPU_DOUT_25
R
R/W
44-45
6844-6845
2
ISPU_DOUT_26
R
R/W
46-47
6846-6847
2
ISPU_DOUT_27
R
R/W
48-49
6848-6849
2
ISPU_DOUT_28
R
R/W
4A-4B
684A-684B
2
ISPU_DOUT_29
R
R/W
4C-4D
684C-684D
2
ISPU_DOUT_30
R
R/W
4E-4F
684E-684F
2
ISPU_DOUT_31
R
R/W
50-53
6850-6853
4
ISPU_INT1_CTRL
R/W
R
54-57
6854-6857
4
ISPU_INT2_CTRL
R/W
R
58-5B
6858-685B
4
ISPU_INT_STATUS
R
R/W
70-73
6870-6873
4
ISPU_ALGO
R/W
R, clear only
Table 107. Register map - ISPU to external resources
ISPU address (hex)
Bytes
Name
ISPU access
6940-6941
2
TIMESTAMP0 (40h), TIMESTAMP1 (41h) Section 9.26
R
6942-6943
2
TIMESTAMP2 (42h), TIMESTAMP3 (43h) Section 9.26
R
6974-6975
2
ISPU_DUMMY_CFG_1_L (73h) and ISPU_DUMMY_CFG_1_H (74h)
R
6976-6977
2
ISPU_DUMMY_CFG_2_L (75h) and ISPU_DUMMY_CFG_2_H (76h)
R
6978-6979
2
ISPU_DUMMY_CFG_3_L (77h) and ISPU_DUMMY_CFG_3_H (78h)
R
697A-697B
2
ISPU_DUMMY_CFG_4_L (79h) and ISPU_DUMMY_CFG_4_H (7Ah)
R
Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSO16IS
ISPU interaction register mapping
DS13892 - Rev 2
page 51/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com