전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VD6283TX 데이터시트(PDF) 52 Page - STMicroelectronics

부품명 VD6283TX
상세설명  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX 데이터시트(HTML) 52 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 48Page - STMicroelectronics VD6283TX Datasheet HTML 49Page - STMicroelectronics VD6283TX Datasheet HTML 50Page - STMicroelectronics VD6283TX Datasheet HTML 51Page - STMicroelectronics VD6283TX Datasheet HTML 52Page - STMicroelectronics VD6283TX Datasheet HTML 53Page - STMicroelectronics VD6283TX Datasheet HTML 54Page - STMicroelectronics VD6283TX Datasheet HTML 55Page - STMicroelectronics VD6283TX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
10.6
Handling and storage precautions
10.6.1
Part handling
The parts must be handled with non-marring ESD safe carbon, plastic, or teflon tweezers. Ranging modules
are susceptible to damage or contamination. The customer is advised to use a clean assembly process after
removing the tape from the parts, and until a protective cover glass is mounted.
10.6.2
Moisture sensitivity level
Moisture sensitivity for the VD6283 is level 3 (MSL) as described in IPC/JEDEC JSTD-020-E.
10.6.3
Storage temperature conditions
Table 25. Recommended storage conditions
Parameter
Min.
Typ.
Max.
Unit
Storage temperature
-40
23
125
°C
VD6283TX
Handling and storage precautions
DS13735 - Rev 1
page 52/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59