전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

433MHZ 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 433MHZ
상세설명  Complete Guide for RF 433MHz Transmitter/Receiver Module With Arduino
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

433MHZ 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  433MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Wire the receiver module to another Arduino by following the next schematic diagram.
Note
: always check the pinout for the receiver module you’re using. Usually, there are
labels next to the pins.
Alternatively, you can also take a look at your module’s
datasheet.
Receiver Sketch
Upload the code below to the Arduino connected to the receiver.
#include
#include
// Not actualy used but needed to compile
RH_ASK driver;
void setup()
{
Serial.begin(9600);
// Debugging only
if (!driver.init())
Serial.println("init failed");
}
void loop()
{
uint8_t buf[12];



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15