| 전자부품 데이터시트 검색엔진 |
|
PIC18F44J10 데이터시트(PDF) 58 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10 데이터시트(HTML) 58 Page - Microchip Technology |
|
58 / 78 page ![]() Optional Debug Headers DS51292T-page 58 2006-2012 Microchip Technology Inc. Header Dimensions The figure below lists the dimensions for the debug header. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. FIGURE 14: DIMENSIONS - AC244043, AC244044 Dimensions are in inches Side Top 0.062 Typical 0.165 Typical 0.062 Typical 0.260 Typical Target Pin 1 located on Bottom side of Header 1.930 0.620 1.640 0.270 0.570 ICE Device 8-pin SIL Connector (0.100 pin spacing) See Appendix B. “Debug Header Connections” for details. |