전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F44J10 데이터시트(PDF) 62 Page - Microchip Technology

부품명 PIC18F44J10
상세설명  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10 데이터시트(HTML) 62 Page - Microchip Technology

Back Button PIC18F44J10 Datasheet HTML 58Page - Microchip Technology PIC18F44J10 Datasheet HTML 59Page - Microchip Technology PIC18F44J10 Datasheet HTML 60Page - Microchip Technology PIC18F44J10 Datasheet HTML 61Page - Microchip Technology PIC18F44J10 Datasheet HTML 62Page - Microchip Technology PIC18F44J10 Datasheet HTML 63Page - Microchip Technology PIC18F44J10 Datasheet HTML 64Page - Microchip Technology PIC18F44J10 Datasheet HTML 65Page - Microchip Technology PIC18F44J10 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
DS51292T-page 62
 2006-2012 Microchip Technology Inc.
FIGURE 18:
DOUBLE AND TRIPLE-ROW TQFP/PLCC FOOTPRINT
Header pin-out matches the PLCC package. PLCC will map to TQFP as follows:
• Header to 44-pin TQFP – one-to-one mapping.
• Header to 64-pin TQFP – see Figure 19 for mapping.
• Header to 80-pin TQFP – see Figure 20 for mapping.
• Header to 100-pin TQFP – one-to-one mapping.
FIGURE 19:
HEADER TO 64-PIN TQFP
0.050
1.160
1.160
0.960
0.960
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
Drawing of device is 64/68-pin,
80/84-pin and 100-pin
0.028 DIA
PLATED-THRU
HOLES
1.360
1.360
68
52
1
17
9
60
NC
NC
1
16
NC = No Connection
51
35
43
NC
48
33
64
49
18
34
26
17
32
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78