전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AC244036 데이터시트(PDF) 36 Page - Microchip Technology

부품명 AC244036
상세설명  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244036 데이터시트(HTML) 36 Page - Microchip Technology

Back Button AC244036 Datasheet HTML 32Page - Microchip Technology AC244036 Datasheet HTML 33Page - Microchip Technology AC244036 Datasheet HTML 34Page - Microchip Technology AC244036 Datasheet HTML 35Page - Microchip Technology AC244036 Datasheet HTML 36Page - Microchip Technology AC244036 Datasheet HTML 37Page - Microchip Technology AC244036 Datasheet HTML 38Page - Microchip Technology AC244036 Datasheet HTML 39Page - Microchip Technology AC244036 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
Optional Debug Headers
DS51292T-page 36
 2006-2012 Microchip Technology Inc.
AC162064
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
For this header, there are no jumpers/switches. MPLAB IDE will use its selected device
to choose the correct device to emulate.
Test points are available on this header to check the following: VDD, VDDCORE and
ground.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figure below lists the dimensions for the debug header. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
Header
ICE/ICD Device
Board Assembly Number
AC162064
PIC18F97J60-ICE
02-01853



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78