| 전자부품 데이터시트 검색엔진 |
|
AC162079 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162079 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 33 PIC18F65J16 PIC18F66J11 PIC18F66J16 PIC18F67J11 64 AC162091 PIC18F87J11-ICE 3.6V PIC18F85J16 PIC18F86J11 PIC18F86J16 PIC18F87J11 80 PIC18F65J50 PIC18F65J55 PIC18F66J50 PIC18F66J55 PIC18F67J50 64 AC162087 PIC18F87J50-ICE 3.6V PIC18F85J50 PIC18F85J55 PIC18F86J50 PIC18F86J55 PIC18F87J50 80 PIC18F66J60 PIC18F66J65 PIC18F67J60 64 AC162064 PIC18F97J60-ICE 3.6V PIC18F86J60 PIC18F86J65 PIC18F87J60 80 PIC18F96J60 PIC18F96J65 PIC18F97J60 100 PIC24F08KA101 PIC24F08KA102 PIC24F16KA101 PIC24F16KA102 20 20/28 20 20/28 AC244028 PIC24F16KA102-ICE(2) 3.6V PIC24FJ16GA002 PIC24FJ32GA002 PIC24FJ48GA002 PIC24FJ64GA002 28 AC162088 PIC24FJ64GA004-ICE 3.6V PIC24FJ16GA004 PIC24FJ32GA004 PIC24FJ48GA004 PIC24FJ64GA004 44 AC162094 PIC24FJ64GA006 PIC24FJ64GA008 PIC24FJ64GA010 64 80 100 AC162065 or AC244022 PIC24FJ128GA010-ICE 3.6V PIC24FJ96GA006 PIC24FJ96GA008 PIC24FJ96GA010 64 80 100 PIC24FJ128GA006 PIC24FJ128GA008 PIC24FJ128GA010 64 80 100 Note 1: VDDCORE Max Note 2: Header required for other devices. TABLE 1: OPTIONAL DEBUG HEADERS BY DEVICE (CON’T) Device Pin Count Header Part Number ICE/ICD Device Used VDD Max |