| 전자부품 데이터시트 검색엔진 |
|
AC162079 데이터시트(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC162079 데이터시트(HTML) 10 Page - Microchip Technology |
|
10 / 78 page ![]() Required Debug Headers DS51292T-page 10 2006-2012 Microchip Technology Inc. AC162052, AC162055, AC162056, AC162057 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify these debug headers, use the following information. Header Setup and Operation For these headers, device peripherals need to be selected by setting jumper J1 to the appropriate position. For AC162052 and AC162057, this will have the effect of selecting the device. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC162052 PIC16F676-ICD 02-01686 AC162055 PIC16F684-ICD AC162056 PIC16F688-ICD AC162057 PIC16F636-ICD Header Jumper J1 Function Device Selected AC162052 2-3 A/D Disabled PIC16F630 1-2 A/D Enabled PIC16F676 AC162055 Don’t care N/A PIC16F684 AC162056 Don’t care N/A PIC16F688 AC162057 2-3 PORTC, Comparator 2 Disabled PIC12F635 1-2 PORTC, Comparator 2 Enabled PIC16F636 |