전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24F16KA101 데이터시트(PDF) 52 Page - Microchip Technology

부품명 PIC24F16KA101
상세설명  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101 데이터시트(HTML) 52 Page - Microchip Technology

Back Button PIC24F16KA101 Datasheet HTML 48Page - Microchip Technology PIC24F16KA101 Datasheet HTML 49Page - Microchip Technology PIC24F16KA101 Datasheet HTML 50Page - Microchip Technology PIC24F16KA101 Datasheet HTML 51Page - Microchip Technology PIC24F16KA101 Datasheet HTML 52Page - Microchip Technology PIC24F16KA101 Datasheet HTML 53Page - Microchip Technology PIC24F16KA101 Datasheet HTML 54Page - Microchip Technology PIC24F16KA101 Datasheet HTML 55Page - Microchip Technology PIC24F16KA101 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 78 page
background image
Optional Debug Headers
DS51292T-page 52
 2006-2012 Microchip Technology Inc.
FIGURE 11:
DIMENSIONS – AC244026, AC244027
Side
0.062 Typical
Top
0.335 Typical
0.380 Typical
0.165 Typical
0.710
0.710
2.575
0.345
0.840
0.650
0.800
0.445
0.145
2.190
QFN
44-Pin TQFP Target Pin 1 located
on Bottom side of Header
44-Pin QFN Target Pin 1 located
on Bottom side of Header
28-Pin DIP Target Pin 1 located
on Bottom side of Header
40-Pin DIP Target Pin 1 located
on Bottom side of Header
28
40
Mount for optional
right angle socket
Dimensions are in inches
TQFP
ICE Device
6-pin SIL Connector
(0.100 pin spacing)
See Appendix B. “Debug Header
Connections” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78