| 전자부품 데이터시트 검색엔진 |
|
PIC24F16KA101 데이터시트(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F16KA101 데이터시트(HTML) 53 Page - Microchip Technology |
|
53 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 53 AC244033, AC244034 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting different ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For this header, there are no jumpers/switches. MPLAB IDE will use its selected device to choose the correct device to emulate. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header Dimensions The figures below list the dimensions for the debug headers. Dimensions are design values in inches. If the length and/or width of the debug header is too large a footprint for the target board, consider using stand-offs, transition sockets or other extenders in the header connection socket to raise the header above the target. Header ICE/ICD Device Board Assembly Number AC244033 PIC18F14K22-ICE 02-02031 AC244034 PIC18LF14K22-ICE |