| 전자부품 데이터시트 검색엔진 |
|
8ST 데이터시트(PDF) 56 Page - SOURIAU-SUNBANK Connection Technologies |
|
|
|||||||||||||||||||||||||||||
8ST 데이터시트(HTML) 56 Page - SOURIAU-SUNBANK Connection Technologies |
|
56 / 64 page ![]() 8LT Series MIL-DTL-38999 Series I 56 © 2013 - SOURIAU 35 +X -X +Y -Y Ctc X Y 15 -5.11 -4.57 16 -5.11 -6.86 17 -3.12 +8.00 18 +3.12 +5.72 19 -3.12 +3.43 20 -3.12 +1.14 21 -3.12 -1.14 22 -3.12 -3.43 23 -3.12 -5.72 24 -3.12 -8.00 25 -1.14 +9.14 26 -1.14 +6.86 27 -1.14 +4.57 Ctc X Y 1 -9.07 +2.29 2 -9.07 +0.08 3 -9.07 -2.29 4 -7.09 +5.72 5 -7.09 +3.43 6 -7.09 +1.14 7 -7.09 -1.14 8 -7.09 -3.43 9 -7.09 -5.72 10 -5.11 +6.86 11 -5.11 +4.57 12 -5.11 +2.29 13 -5.11 0.00 14 -5.11 -2.29 Ctc X Y 28 -1.14 +2.29 29 -1.14 0.00 30 -1.14 -2.29 31 -1.14 -4.57 32 -1.14 -6.86 33 -1.14 -9.14 34 +1.14 +9.14 35 +1.14 +6.86 36 +1.14 +4.57 37 +1.14 +2.29 38 +1.14 0.00 39 +1.14 -2.29 40 +1.14 -4.57 Ctc X Y 41 +1.14 -6.86 42 +1.14 -9.14 43 +3.12 +8.00 44 +3.12 +5.72 45 +3.12 +3.43 46 +3.12 +1.14 47 +3.12 -1.14 48 +3.12 -3.43 49 +3.12 -5.72 50 +3.12 -8.00 51 +5.11 +6.86 52 +5.11 +4.57 53 +5.11 +2.29 Ctc X Y 54 +5.11 0.00 55 +5.11 -2.29 56 +5.11 -4.57 57 +5.11 -6.86 58 +7.09 +5.72 59 +7.09 +3.43 60 +7.09 +1.14 61 +7.09 -1.14 62 +7.09 -3.43 63 +7.09 -5.72 64 +9.07 +2.29 65 +9.07 0.00 66 +9.07 -2.29 19 / F 11 32 +X -X +Y -Y +X -X +Y -Y Ctc X Y A +2.67 +6.60 B +6.35 +3.35 C +6.99 -1.35 D +4.55 -5.46 E 0.00 -7.14 F -4.55 -5.46 G -6.99 -1.35 H -6.35 +3.35 J -2.67 +6.60 K 0.00 +2.67 L 0.00 -2.34 Ctc X Y T -1.68 +8.97 U 0.00 +5.84 V +3.15 +4.90 W +5.31 +2.41 X +5.79 -0.84 Y +4.42 -3.84 Z +1.65 -5.61 a -1.65 -5.61 b -4.42 -3.84 c -5.79 -0.84 d -5.31 +2.41 e -3.15 +4.90 f 0.00 +2.44 g +2.44 0.00 h 0.00 -2.44 j -2.44 0.00 Ctc X Y A +1.68 +8.97 B +4.80 +7.75 C +7.26 +5.51 D +8.76 +2.49 E +9.07 -0.84 F +8.15 -4.06 G +6.15 -6.73 H +3.30 -8.51 J 0.00 -9.12 K -3.30 -8.51 L -6.15 -6.73 M -8.15 -4.06 N -9.07 -0.84 P -8.76 +2.49 R -7.26 +5.51 S -4.80 +7.75 |