| 전자부품 데이터시트 검색엔진 |
|
8ST 데이터시트(PDF) 22 Page - SOURIAU-SUNBANK Connection Technologies |
|
|
|||||||||||||||||||||||||||||
8ST 데이터시트(HTML) 22 Page - SOURIAU-SUNBANK Connection Technologies |
|
22 / 64 page ![]() 8LT Series MIL-DTL-38999 Series I 22 © 2013 - SOURIAU Mated connectors dimensions Square flange receptacle (type 0) with plug (type 5) A B C D Shell Size A Max B Max C Max D Max 09 33.30 47.40 40.60 54.70 11 13 15 17 19 21 32.50 46.70 23 25 Detail Shell Type Type 0 Type 1 Type 3 Type 5 Type 7 L max 13.39 13.58 13.58 13.54 13.58 Sealing bushing used for triaxial #8 protude Note: All dimensions are in millimeters (mm) L Jam nut receptacle (type 7) with plug (type 5) |