전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DGD0216 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 DGD0216
상세설명  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0216 데이터시트(HTML) 1 Page - Diodes Incorporated

  DGD0216 Datasheet HTML 1Page - Diodes Incorporated DGD0216 Datasheet HTML 2Page - Diodes Incorporated DGD0216 Datasheet HTML 3Page - Diodes Incorporated DGD0216 Datasheet HTML 4Page - Diodes Incorporated DGD0216 Datasheet HTML 5Page - Diodes Incorporated DGD0216 Datasheet HTML 6Page - Diodes Incorporated DGD0216 Datasheet HTML 7Page - Diodes Incorporated DGD0216 Datasheet HTML 8Page - Diodes Incorporated DGD0216 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD0215/0216
Document number: DS40183 Rev. 6 - 2
1 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0215/0216
1.9A HIGH SPEED SINGLE GATE DRIVER
Description
The
DIODES™ DGD0215 and DIODES™ DGD0216 high speed / low
side MOSFET and IGBT drivers are capable of driving 1.9A of peak
current. The DGD0215 and DGD0216 logic inputs are compatible
with standard TTL and CMOS levels (down to 3.3V) to interface easily
with MCUs. Fast and well matched propagation delays allow high
speed operation, enabling a smaller and more compact power
switching design using smaller associated components.
The DGD0215 and DGD0216 are highly resistant to noise, and are
able to withstand up to 5V positive or negative on the ground pin
without damage. The devices can also withstand 500mA of reverse
current forced back into the outputs without damage or logic change.
The DGD0215 provides an inverted output and the DGD0216
provides a non-inverting ouput.
The DGD0215 and DGD0216 are offered in TSOT25 (Standard)
package and the operating temperature extends from -40°C to
+125°C.
Applications
DC-DC converters
Line drivers
Motor controls
Switch mode power supplies
Features
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
Wide Supply Voltage Operating Range: 4.5V to 18V
1.9A Source / 1.8A Sink Output Current Capability
Inverting and Non-Inverting Input Configurations
Fast Propagation Delay (35ns typ)
Fast Rise and Fall Times (15ns typ)
Logic Input (IN and IN*) 3.3V Capability
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable,
and
manufactured
in
IATF
16949
certified
facilities),
please
contact
us
or
your
local
Diodes
representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: TSOT25
Package Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per MIL-
STD-202, Method 208
Weight: 0.012 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Marking
Reel Size (inches)
Tape Width (mm)
Packing
Qty.
Carrier
DGD0215WT-7
TSOT25 (Standard)
D0215
7
8
3,000
Reel
DGD0216WT-7
TSOT25 (Standard)
D0216
7
8
3,000
Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
TSOT25 (Standard)
Typical Configuration
D0215
YYWW
D0215/D0216 = Product Type Marking Code
YY = Year (ex: 22 = 2022)
WW = Week (01 to 53)
D0216
YYWW


유사한 부품 번호 - DGD0216

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWT-7 DIODES-DGD0211CWT-7 Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
logo
TECH PUBLIC Electronics...
DGD0211CWT-TP TECHPUBLIC-DGD0211CWT-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
Diodes Incorporated
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
DGD0211CWTQ-7 DIODES-DGD0211CWTQ-7 Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results

유사한 설명 - DGD0216

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
Single 2A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Diodes Incorporated
DGD0211C DIODES-DGD0211C Datasheet
751Kb / 10P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 3 - 2 November 2021
DGD0211CWTQ DIODES-DGD0211CWTQ Datasheet
781Kb / 9P
1.9A HIGH SPEED SINGLE GATE DRIVER
Rev. 1 - 2 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com