전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DMC4047LSD-13 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 DMC4047LSD-13
상세설명  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4047LSD-13 데이터시트(HTML) 5 Page - Diodes Incorporated

  DMC4047LSD-13 Datasheet HTML 1Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 2Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 3Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 4Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 5Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 6Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 7Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 8Page - Diodes Incorporated DMC4047LSD-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DMC4047LSD
Document number: DS36206 Rev. 4 - 2
5 of 9
www.diodes.com
November 2013
© Diodes Incorporated
DMC4047LSD
T , AMBIENT TEMPERATURE (°C)
Figure 7 Gate Theshold Variation vs Ambient Temperature
A
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50-25
0
25
50
75100
125
150
I=1mA
D
I =250µA
D
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T = -55°C
A
T = 25°C
A
T = 150°C
A
T = 85°C
A



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com