전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA540SA 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STA540SA
상세설명  4 x 10-watt dual/quad power amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SA 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STA540SA Datasheet HTML 21Page - STMicroelectronics STA540SA Datasheet HTML 22Page - STMicroelectronics STA540SA Datasheet HTML 23Page - STMicroelectronics STA540SA Datasheet HTML 24Page - STMicroelectronics STA540SA Datasheet HTML 25Page - STMicroelectronics STA540SA Datasheet HTML 26Page - STMicroelectronics STA540SA Datasheet HTML 27Page - STMicroelectronics STA540SA Datasheet HTML 28Page - STMicroelectronics STA540SA Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
STA540SA
Demonstration boards and applications suggestions
Doc ID 16066 Rev 2
25/30
Figure 36.
Component layout
With this board, it is possible to connect the left and right speakers in two different ways as
shown in Figure 9 on page 11.
1.
Using the output terminals OUTR / OUTL and P-GND. With this configuration the two
jumpers are open and the 1000
µF DC decoupling capacitors (C5, C9) are inserted in
series to the load.
2.
Using the configuration with one capacitor (470
µF) shared between the two outputs.
For this solution, the jumpers must be closed (C5, C9 are bypassed) and the left and right
speakers must be connected between the output terminals OUTR / OUTL and COMR /
COML respectively.
Additionally, a switch is available on this board to test the standby function and a test point
(DIAG) where it is possible to verify the diagnostic feature (see Section 8.7 on page 20).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30