| 전자부품 데이터시트 검색엔진 |
|
STM32G081EB 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G081EB 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 136 page ![]() DS12231 Rev 4 45/136 STM32G081xB Pinouts, pin description and alternate functions 48 - - - - - - H6 26 PC5 I/O FT_a - USART3_RX, USART1_RX, TIM2_CH2 COMP1_INP, ADC_IN18, WKUP5 E2 14 - 15 15 19 F5 27 PB0 I/O FT_a - SPI1_NSS/I2S1_WS, TIM3_CH3, TIM1_CH2N, USART3_RX, LPTIM1_OUT, UCPD1_FRSTX, COMP1_OUT ADC_IN8 - - 14 - - - - - PB0 I/O FT_da (3) SPI1_NSS/I2S1_WS, TIM3_CH3, TIM1_CH2N, USART3_RX, LPTIM1_OUT, UCPD1_FRSTX, COMP1_OUT UCPD1_DBCC2, ADC_IN8 E1 15 - 16 16 20 G5 28 PB1 I/O FT_a - TIM14_CH1, TIM3_CH4, TIM1_CH3N, USART3_RTS_DE_CK, LPTIM2_IN1, LPUART1_RTS_DE, EVENTOUT COMP1_INM, ADC_IN9 - - - 17 - 21 H7 29 PB2 I/O FT_a - SPI2_MISO, USART3_TX, LPTIM1_OUT, EVENTOUT COMP1_INP, ADC_IN10 - - - - - 22 G6 30 PB10 I/O FT_fa - CEC, LPUART1_RX, TIM2_CH3, USART3_TX, SPI2_SCK, I2C2_SCL, COMP1_OUT ADC_IN11 - - - - - 23H831 PB11 I/O FT_fa - SPI2_MOSI, LPUART1_TX, TIM2_CH4, USART3_RX, I2C2_SDA, COMP2_OUT ADC_IN15 - - - - - 24 G7 32 PB12 I/O FT_a - SPI2_NSS, LPUART1_RTS_DE, TIM1_BKIN, TIM15_BKIN, UCPD2_FRSTX, EVENTOUT ADC_IN16 - - - - - 25 G8 33 PB13 I/O FT_f - SPI2_SCK, LPUART1_CTS, TIM1_CH1N, USART3_CTS, TIM15_CH1N, I2C2_SCL, EVENTOUT - Table 12. Pin assignment and description (continued) Pin number Pin name (function upon reset) Alternate functions Additional functions |