| 전자부품 데이터시트 검색엔진 |
|
STM32G081EB 데이터시트(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G081EB 데이터시트(HTML) 47 Page - STMicroelectronics |
|
47 / 136 page ![]() DS12231 Rev 4 47/136 STM32G081xB Pinouts, pin description and alternate functions 48 B2 20 20 24 24 35 D7 45 PA13 I/O FT (5) SWDIO, IR_OUT, EVENTOUT - A2 21 21 25 25 36 C7 46 PA14-BOOT0 I/O FT (5) SWCLK, USART2_TX, EVENTOUT BOOT0 A1 22 - 26 - 37 C6 47 PA15 I/O FT - SPI1_NSS/I2S1_WS, USART2_RX, TIM2_CH1_ETR, USART4_RTS_DE_CK, USART3_RTS_DE_CK, EVENTOUT - - - - - - - A8 48 PC8 I/O FT - UCPD2_FRSTX, TIM3_CH3, TIM1_CH1 - - - - - - - B7 49 PC9 I/O FT - I2S_CKIN, TIM3_CH4, TIM1_CH2 - - - 22 - 26 38 A7 50 PD0 I/O FT_c (3) EVENTOUT, SPI2_NSS, TIM16_CH1 UCPD2_CC1 - - 23 - 27 39 B6 51 PD1 I/O FT_d (3) EVENTOUT, SPI2_SCK, TIM17_CH1 UCPD2_DBCC1 - - 24 - 28 40 A6 52 PD2 I/O FT_c (3) USART3_RTS_DE_CK, TIM3_ETR, TIM1_CH1N UCPD2_CC2 - - 25 - 29 41D553 PD3 I/O FT_d (3) USART2_CTS, SPI2_MISO, TIM1_CH2N UCPD2_DBCC2 - - - - - - C5 54 PD4 I/O FT - USART2_RTS_DE_CK, SPI2_MOSI, TIM1_CH3N - - - - - - - B5 55 PD5 I/O FT - USART2_TX, SPI1_MISO/I2S1_MCK, TIM1_BKIN - - - - - - - A5 56 PD6 I/O FT - USART2_RX, SPI1_MOSI/I2S1_SD, LPTIM2_OUT - - 23 - 27 - 42 B4 57 PB3 I/O FT_a - SPI1_SCK/I2S1_CK, TIM1_CH2, TIM2_CH2, USART1_RTS_DE_CK, EVENTOUT COMP2_INM - 24 - 28 - 43C458 PB4 I/O FT_a - SPI1_MISO/I2S1_MCK, TIM3_CH1, USART1_CTS, TIM17_BKIN, EVENTOUT COMP2_INP Table 12. Pin assignment and description (continued) Pin number Pin name (function upon reset) Alternate functions Additional functions |