전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L010K8 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 STM32L010K8
상세설명  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,64-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010K8 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button STM32L010K8 Datasheet HTML 49Page - STMicroelectronics STM32L010K8 Datasheet HTML 50Page - STMicroelectronics STM32L010K8 Datasheet HTML 51Page - STMicroelectronics STM32L010K8 Datasheet HTML 52Page - STMicroelectronics STM32L010K8 Datasheet HTML 53Page - STMicroelectronics STM32L010K8 Datasheet HTML 54Page - STMicroelectronics STM32L010K8 Datasheet HTML 55Page - STMicroelectronics STM32L010K8 Datasheet HTML 56Page - STMicroelectronics STM32L010K8 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
DS12325 Rev 3
53/92
STM32L010K8 STM32L010R8
Electrical characteristics
82
Table 29. Peripheral current consumption in run or Sleep mode(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE = 1.8 V
VOS[1:0] = 01
Range 2,
VCORE =1.5 V
VOS[1:0] = 10
Range 3,
VCORE =1.2 V
VOS[1:0] = 11
Low-power
sleep and run
APB1
WWDG
3
2
2
2
µA/MHz
(fHCLK)
LPUART1
8
6.5
5.5
6
I2C1
11
9.5
7.5
9
LPTIM1
10
8.5
6.5
8
TIM2
10.5
8.5
7
9
USART2
14.5
12
9.5
11
APB2
ADC1(2)
5.5
5
3.5
4
SPI1
4
3
3
2.5
TIM21
7.5
6
5
5.5
DBGMCU
1.5
1
1
0.5
SYSCFG
2.5
2
2
1.5
Cortex-M0+
I/O port
GPIOA
3.5
3
2.5
2.5
GPIOB
3.5
2.5
2
2.5
GPIOC
8.5
6.5
5.5
7
GPIOD
1
0.5
0.5
0.5
AHB
CRC
1.5
1
1
1
FLASH(3)
00
0
0
DMA1
10
8
6
8.5
All enabled
120
97
81
92
PWR
2.5
2
2
1
1. Data based on differential IDD measurement between all peripherals OFF an one peripheral with clock enabled, in the
following conditions: fHCLK = 32 MHz (range 1), fHCLK = 16 MHz (range 2), fHCLK = 4 MHz (range 3), fHCLK = 64 KHz (Low-
power run/sleep), fAPB1 = fHCLK, fAPB2 = fHCLK, default prescaler value for each peripheral. The CPU is in Sleep mode in
both cases. No I/O pins toggling. Not tested in production.
2. HSI oscillator is OFF for this measure.
3. These values correspond to the Flash memory configuration interface consumption, which is negligible. To assess true
Flash memory consumption, compare relevant figures, like for example Table 19 and Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92