| 전자부품 데이터시트 검색엔진 |
|
STM32L082CZ 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L082CZ 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 132 page ![]() Pin descriptions STM32L082xx 42/132 DS10688 Rev 7 16 16 23 D4 VSS S - - - 17 17 24 G2 VDD S - - - - - 25 G1 PB12 I/O FT - SPI2_NSS/I2S2_WS, LPUART1_RTS/ LPUART1_DE, TSC_G6_IO2, I2C2_SMBA, EVENTOUT - - - 26 F2 PB13 I/O FTf - SPI2_SCK/I2S2_CK, MCO, TSC_G6_IO3, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - - - 27 F1 PB14 I/O FTf SPI2_MISO/I2S2_MCK, RTC_OUT, TSC_G6_IO4, LPUART1_RTS/ LPUART1_DE, I2C2_SDA, TIM21_CH2 - - - 28 E1 PB15 I/O FT - SPI2_MOSI/I2S2_SD, RTC_REFIN - 18 18 29 D1 PA8 I/O FTf - MCO, USB_CRS_SYNC, EVENTOUT, USART1_CK, I2C3_SCL - 19 19 30 E2 PA9 I/O FTf - MCO, TSC_G4_IO1, USART1_TX, I2C1_SCL, I2C3_SMBA - 20 20 31 C1 PA10 I/O FTf - TSC_G4_IO2, USART1_RX, I2C1_SDA - 21 21 32 D2 PA11 I/O FT (3) SPI1_MISO, EVENTOUT, TSC_G4_IO3, USART1_CTS, COMP1_OUT USB_DM 22 22 33 B1 PA12 I/O FT (3) SPI1_MOSI, EVENTOUT, TSC_G4_IO4, USART1_RTS/ USART1_DE, COMP2_OUT USB_DP 23 23 34 C2 PA13 I/O FT - SWDIO, USB_NOE, LPUART1_RX - Table 15. STM32L082xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |