전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L082CZ 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 STM32L082CZ
상세설명  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082CZ 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button STM32L082CZ Datasheet HTML 39Page - STMicroelectronics STM32L082CZ Datasheet HTML 40Page - STMicroelectronics STM32L082CZ Datasheet HTML 41Page - STMicroelectronics STM32L082CZ Datasheet HTML 42Page - STMicroelectronics STM32L082CZ Datasheet HTML 43Page - STMicroelectronics STM32L082CZ Datasheet HTML 44Page - STMicroelectronics STM32L082CZ Datasheet HTML 45Page - STMicroelectronics STM32L082CZ Datasheet HTML 46Page - STMicroelectronics STM32L082CZ Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
DS10688 Rev 7
43/132
STM32L082xx
Pin descriptions
47
--
35
-
VSS
S
-
-
-
-
-
24
36
A1
VDD_USB
S
-
-
-
-
24
25
37
B2
PA14
I/O
FT
-
SWCLK, USART2_TX,
LPUART1_TX
-
25
-
38
A2
PA15
I/O
FT
-
SPI1_NSS, TIM2_ETR,
EVENTOUT,
USART2_RX, TIM2_CH1,
USART4_RTS/
USART4_DE
-
26
-
39
A3
PB3
I/O
FT
-
SPI1_SCK, TIM2_CH2,
TSC_G5_IO1,
EVENTOUT,
USART1_RTS/
USART1_DE,
USART5_TX
COMP2_INM
27
26
40
B3
PB4
I/O
FTf
-
SPI1_MISO, TIM3_CH1,
TSC_G5_IO2,
TIM22_CH1,
USART1_CTS,
USART5_RX, I2C3_SDA
COMP2_INP
28
27
41
A4
PB5
I/O
FT
-
SPI1_MOSI,
LPTIM1_IN1,
I2C1_SMBA,
TIM3_CH2/TIM22_CH2,
USART1_CK,
USART5_CK,
USART5_RTS/
USART5_DE
COMP2_INP
29
28
42
B4
PB6
I/O
FTf
-
USART1_TX, I2C1_SCL,
LPTIM1_ETR,
TSC_G5_IO3
COMP2_INP
30
29
43
C3
PB7
I/O
FTf
-
USART1_RX, I2C1_SDA,
LPTIM1_IN2,
TSC_G5_IO4,
USART4_CTS
COMP2_INP,
VREF_PVD_IN
31
30
44
A5
BOOT0
I
-
-
-
-
-
45
B5
PB8
I/O
FTf
-
TSC_SYNC, I2C1_SCL
-
Table 15. STM32L082xx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More