전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP34X2G 데이터시트(PDF) 94 Page - Micronas

부품명 MSP34X2G
상세설명  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G 데이터시트(HTML) 94 Page - Micronas

Back Button MSP34X2G Datasheet HTML 90Page - Micronas MSP34X2G Datasheet HTML 91Page - Micronas MSP34X2G Datasheet HTML 92Page - Micronas MSP34X2G Datasheet HTML 93Page - Micronas MSP34X2G Datasheet HTML 94Page - Micronas MSP34X2G Datasheet HTML 95Page - Micronas MSP34X2G Datasheet HTML 96Page - Micronas MSP34X2G Datasheet HTML 97Page - Micronas MSP34X2G Datasheet HTML 98Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 104 page
background image
MSP 34x2G
PRELIMINARY DATA SHEET
94
Micronas
Table 6–14: 8-bit FIR-coefficients (decimal integer); reset status: all coefficients are “0”
Coefficients for FIR1 00 01hex and FIR2 00 05hex
Terrestrial TV Standards
B/G-, D/K-
NICAM-FM
I-
NICAM-FM
L-
NICAM-AM
B/G-, D/K-,
M-Dual FM
130
kHz
180
kHz
200
kHz
280
kHz
380
kHz
500
kHz
Auto-
search
Coef(i)
FIR1
FIR2
FIR1
FIR2
FIR1
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
FIR2
0
−2323
−2
−4
3
7393
−8
−1
−1
−1
1
−818
4
18
−8
−12
18
53
18
18
−8
−9
−1
−1
2
−10
27
−627
−10
−9
27
642827
4
−16
−8
−8
3
10
48
−4
48
10
23
48
119
47
48
36
5
2
2
4
50
66
40
66
50
79
66
101
55
66
78
65
59
59
5
86
72
94
72
86
126
72
127
64
72
107
123
126
126
Mode-
REG[12]
0
0
0
0
111111
0
Mode-
REG[13]
0
0
0
1
111111
0
For compatibility, except for the FIR2-AM and the Autosearch-sets, the FIR-filter programming as used for the MSP 3410B is also possible.
ADR coefficients are listed in the DRP data sheet.
Table 6–15: DCO registers for the MSP 34x2G; reset status: DCO_HI/LO = “0000”
DCO1_LO 00 93hex, DCO1_HI 00 9Bhex; DCO2_LO 00 A3hex, DCO2_HI 00 ABhex
Freq. MHz
DCO_HI/hex
DCO_LO/hex
Freq. MHz
DCO_HI/hex
DCO_LO/hex
4.5
03E8
000
5.04
5.5
5.58
5.7421875
0460
04C6
04D8
04FC
0000
038E
0000
00AA
5.76
5.85
5.94
0500
0514
0528
0000
0000
0000
6.0
6.2
6.5
6.552
0535
0561
05A4
05B0
0555
0C71
071C
0000
6.6
6.65
6.8
05BA
05C5
05E7
0AAA
0C71
01C7
7.02
0618
0000
7.2
0640
0000
7.38
0668
0000
7.56
0690
0000
B
FM - Satellite
FIR filter corresponds to a
band-pass with a band-
width of B = 130 to 500 kHz
fc
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com