전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP34X2G 데이터시트(PDF) 25 Page - Micronas

부품명 MSP34X2G
상세설명  Multistandard Sound Processor Family with Dolby Surround Pro Logic
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X2G 데이터시트(HTML) 25 Page - Micronas

Back Button MSP34X2G Datasheet HTML 21Page - Micronas MSP34X2G Datasheet HTML 22Page - Micronas MSP34X2G Datasheet HTML 23Page - Micronas MSP34X2G Datasheet HTML 24Page - Micronas MSP34X2G Datasheet HTML 25Page - Micronas MSP34X2G Datasheet HTML 26Page - Micronas MSP34X2G Datasheet HTML 27Page - Micronas MSP34X2G Datasheet HTML 28Page - Micronas MSP34X2G Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
PRELIMINARY DATA SHEET
MSP 34x2G
Micronas
25
Mode tone control
00 20
[15:8]
[BASS/TREBLE, EQUALIZER]
BASS/TREB
37
Equalizer loudspeaker ch. band 1
00 21
[15:8]
[
+12 dB ... −12 dB]
0 dB
38
Equalizer loudspeaker ch. band 2
00 22
[15:8]
[
+12 dB ... −12 dB]
0 dB
38
Equalizer loudspeaker ch. band 3
00 23
[15:8]
[
+12 dB ... −12 dB]
0 dB
38
Equalizer loudspeaker ch. band 4
00 24
[15:8]
[
+12 dB ... −12 dB]
0 dB
38
Equalizer loudspeaker ch. band 5
00 25
[15:8]
[
+12 dB ... −12 dB]
0 dB
38
Automatic Volume Correction
00 29
[15:8]
[off, on, decay time]
off
36
Subwoofer level adjust
00 2C
[15:8]
[0 dB ...
−30 dB, mute]
0 dB
41
Subwoofer corner frequency
00 2D
[15:8]
[50 Hz ... 400 Hz]
00hex
41
Subwoofer complementary high-pass
[7:0]
[off, on]
off
41
Balance headphone*) channel [L/R]
00 30
[15:8]
[0...100 / 100% and 100 / 0...100%]
[
−127...0 / 0 and 0 / −127...0 dB]
100 %/100 %
36
Balance mode headphone*)
[7:0]
[Linear mode / logarithmic mode]
linear mode
Bass headphone*) channel
00 31
[15:8]
[
+20 dB ... −12 dB]
0 dB
37
Treble headphone*) channel
00 32
[15:8]
[
+15 dB ... −12 dB]
0 dB
38
Loudness headphone*) channel
00 33
[15:8]
[0 dB ...
+17 dB]
0 dB
39
Loudness filter characteristic *)
[7:0]
[NORMAL, SUPER_BASS]
NORMAL
Volume SCART2 output channel
00 40
[15:8]
[
+12 dB ... −114 dB, MUTE]
00hex
41
SCART2 source select
00 41
[15:8]
[FM, NICAM, SCART, I2S1, I2S2]
FM
34
SCART2 channel matrix
[7:0]
[SOUNDA, SOUNDB, STEREO, MONO...]
SOUNDA
34
AUX/CS switch
00 48
[15]
[AUX, CS]
0hex
43
Channel configuration
[14:8]
[STEREO/TWO_CHANNEL/MULTI_CHANNEL]
00hex
43
Spatial effect for surround processing
00 49
[15:8]
[0% - 100%]
00hex
43
Virtual surround effect strength
00 4A
[15:8]
[0% - 100%]
00hex
44
Decoder matrix
00 4B
[15:8]
[ADAPTIVE/PASSIVE/EFFECT]
00hex
44
Surround reproduction
[7:4]
[REAR_SPEAKER/FRONT_SPEAKER/PANORAMA/
3D_PANORAMA]
0hex
44
Center mode
[3:0]
[PHANTOM/NORMAL/WIDE/OFF]
0hex
44
Surround delay
00 4C
[15:0]
[5..31ms]
00hex
45
Noise Generator
00 4D
[15:0]
[NOISEL, NOISEC, NOISER, NOISES]
00hex
45
*) In Multi Channel Mode, these registers are used for controlling baseband functions of the center and surround channels. Following relationship applies: Center
corresponds to the left headphone channel, Surround corresponds to the right headphone channel.
Table 3–5: List of MSP 34x2G Write Registers
Write Register
Address
(hex)
Bits
Description and Adjustable Range
Reset
See
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com