전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DGD0280WTQ 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 DGD0280WTQ
상세설명  AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0280WTQ 데이터시트(HTML) 4 Page - Diodes Incorporated

  DGD0280WTQ Datasheet HTML 1Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 2Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 3Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 4Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 5Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 6Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 7Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 8Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD0280WTQ
Document number: DS45219 Rev. 2 - 2
4 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0280WTQ
DC Electrical Characteristics (VCC = 12V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.0
—
—
V
—
Logic “0” Input Voltage
VIL
—
—
0.8
V
—
Input Hysteresis
VIN_HYS
—
0.5
—
V
—
Logic “1” Input Bias Current
IIN+
—
7.5
20
µA
VIN = 3V
Logic “0” Input Bias Current
IIN-
—
—
1
µA
VIN = 0V
Quiescent VCC Supply Current
ICCQ
—
—
250
µA
Inputs Open
Operating VCC Supply Current
ICCO
—
1.5
—
mA
fs = 100kHz CL = 1000pF
—
12.5
—
fs = 1MHz CL = 1000pF
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
4.5
4.75
5.0
V
—
VCC Supply Undervoltage Negative Going Threshold
VCCUV-
4.2
4.5
4.8
V
—
Output High Short-Circuit Pulsed Current
IO+
—
2.5
—
A
VO = 0V, PW ≤ 10µs
Output Low Short-Circuit Pulsed Current
IO-
—
2.8
—
A
VO = 15V, PW ≤ 10µs
LDO Output Voltage
VLDO
3.267
3.3
3.333
V
IOUT = 10mA
LDO Line Regulation
VLDO_LINE
—
21
38
mV
VCC = 5V to 18V,
IOUT = 10mA
LDO Load Regulation
VLDO_LOAD
—
—
10
mV
VCC = 12V,
IOUT = 0.1mA to 10mA
Maximum LDO Current
ILDO_MAX
—
15
—
mA
RL = 220
Ω
LDO Current Limit
ILDO_LIM
20
68
—
mA
RL = 0
Ω
Thermal Shutdown Turn On
TSDON
—
150
—
°C
—
Thermal Shutdown Turn Off
TSDOFF
—
125
—
°C
—
Note:
7. The VIN and IIN parameters are applicable to the logic input pin: IN. The VO and IO parameters are applicable to the output pin: OUT.
AC Electrical Characteristics (VCC = 12V, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-on Rise Time
tr
—
20
35
ns
CL = 1000pF
Turn-off Fall Time
tf
—
15
35
ns
CL = 1000pF
Turn-on Propagation Delay
tON
20
35
50
ns
—
Turn-off Propagation Delay
tOFF
15
30
50
ns
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com