전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DGD0280WTQ 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 DGD0280WTQ
상세설명  AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0280WTQ 데이터시트(HTML) 1 Page - Diodes Incorporated

  DGD0280WTQ Datasheet HTML 1Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 2Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 3Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 4Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 5Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 6Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 7Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 8Page - Diodes Incorporated DGD0280WTQ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD0280WTQ
Document number: DS45219 Rev. 2 - 2
1 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0280WTQ
AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Description
The
DIODES™ DGD0280WTQ, low-side MOSFET and IGBT driver is
capable of driving 2.8A of peak current. The DGD280WTQ logic
inputs are compatible with standard TTL and CMOS levels (down to
3.3V) to interface easily with MCUs. Internal undervoltage lockout
(UVLO) protects the MOSFET with loss of supply by turning off the
output when VCC falls below operating range. Fast and well matched
propagation delays allow high-speed operation, enabling a smaller,
more compact power-switching design using smaller associated
components.
The DGD0280WTQ has an integrated LDO that outputs 3.3V at ±1%
tolerance with the ability to supply 15mA. The
DIODES™ DGD0280
provides a non-inverted output. The DGD0280WTQ comes in a
space-saving TSOT25 package and operates over an extended
-40°C to +125°C temperature range.
Applications
DC-DC converters
Line drivers
Motor controls
Switch mode power supplies
Features
Efficient Low Cost Solution for Driving MOSFETs and IGBTs
Integrated LDO (3.3V, 15mA Output)
3.3V LDO at 1% Accuracy at +25°C
Wide Supply Voltage Operating Range: 4.5V to 18V
2.5A Source / 2.8A Sink Output Current Capability
Undervoltage Lockout for Vcc Supply
Fast Propagation Delay (35ns Typ)
Fast Rise and Fall Times (20ns Typ)
Logic Input (IN) 3.3V Capability
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
The DGD0280WTQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: TSOT25
Package Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
—Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
Weight: 0.016 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Marking Code
Reel Size (inches)
Tape Width (mm)
Packing
Qty.
Carrier
DGD0280WTQ-7
TSOT25
D0280
7
8
3000
Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
TSOT25
Typical Configuration
D0280 = Product Type Marking Code
YY = Year (ex: 22 = 2022)
WW or WW
– = Week (01 to 53)
D0280
YYWW-
DGD0280WTQ


유사한 부품 번호 - DGD0280WTQ

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DGD0280WT-7 DIODES-DGD0280WT-7 Datasheet
644Kb / 11P
HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
More results

유사한 설명 - DGD0280WTQ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
Single 2-A Low-Side Driver with 3.3-V LDO
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
Single-Channel High-Speed Low-Side Gate Driver
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
High-Side Automotive Gate Driver IC
December-2017, Rev. 3
FAN7191-F085 ONSEMI-FAN7191-F085 Datasheet
443Kb / 16P
High and Low Side Automotive Gate Driver IC
June, 2018 ??Rev. 4
logo
Diodes Incorporated
DGD0280 DIODES-DGD0280 Datasheet
644Kb / 11P
HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
logo
Infineon Technologies A...
1ED44171N01B INFINEON-1ED44171N01B Datasheet
1Mb / 18P
Single-channel low-side gate driver IC
V 1.1 2022-02-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com