전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMS210 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 PMS210
상세설명  Surface Mount Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PMS210 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  PMS210 Datasheet HTML 1Page - Pan Jit International Inc. PMS210 Datasheet HTML 2Page - Pan Jit International Inc. PMS210 Datasheet HTML 3Page - Pan Jit International Inc. PMS210 Datasheet HTML 4Page - Pan Jit International Inc. PMS210 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PMS210
August 2,2022
PMS210-REV.00
Page 2
Maximum Ratings and Thermal Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
1000
V
Maximum RMS Voltage
VRMS
700
V
Maximum DC Blocking Voltage
VDC
1000
V
Maximum Average Forward Current
IF(AV)
2
A
Peak Forward Surge Current : 8.3 ms
Single Half Sine-Wave Superimposed
On Rated Load
@ TA = 25 °C
IFSM
70
A
@ TA = 125 °C
56
Peak Forward Surge Current : 1.0 ms
Single Half Sine-Wave Superimposed
On Rated Load
@ TA = 25 °C
IFSM
140
A
@ TA = 125 °C
112
I 2 t rating for fusing ( t = 8.3ms)
I 2 t
20.3
A2S
Typical Junction Capacitance
Measured at 1 MHZ And Applied VR = 4 V
CJ
30
pF
Typical Thermal Resistance
(Note 1)
RθJA
32
oC/W
RθJL
13
RθJc
14
Operating Junction Temperature Range
TJ
-55~150
oC
Storage Temperature Range
TSTG
-55~150
oC
Electrical Characteristics (TA = 25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Forward Voltage
VF
IF = 1 A, TJ = 25 oC
-
-
1.05
V
Reverse Current
IR
VR = 1000 V, TJ = 25 oC
-
-
5
uA
VR = 1000 V,TJ= 125 oC
-
-
100
NOTES :
1.
Mounted on a FR4,100x100x1.6mm ,2oz copper pad area.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com