전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PMS210 데이터시트(PDF) 3 Page - Pan Jit International Inc.

부품명 PMS210
상세설명  Surface Mount Glass Passivated Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PMS210 데이터시트(HTML) 3 Page - Pan Jit International Inc.

  PMS210 Datasheet HTML 1Page - Pan Jit International Inc. PMS210 Datasheet HTML 2Page - Pan Jit International Inc. PMS210 Datasheet HTML 3Page - Pan Jit International Inc. PMS210 Datasheet HTML 4Page - Pan Jit International Inc. PMS210 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PMS210
August 2,2022
PMS210-REV.00
Page 3
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
0
20
40
60
80
0
50
100
150
200
V
R, Reverse Bias Voltage (V)
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Percent of Rated Reverse Voltage (%)
T
J = 25°C
T
J = 100°C
T
J = 125°C
T
J = 150°C
T
J = 50°C
T
J = 75°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V
F, Forward Voltage (V)
T
J = 125°C
T
J = 25°C
T
J = 100°C
T
J = 150°C
T
J = 50°C
T
J = 75°C
0
1
2
3
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
TYPICAL CHARACTERISTIC CURVES



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com