| 전자부품 데이터시트 검색엔진 |
|
LCR1210-R100F 데이터시트(PDF) 55 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
LCR1210-R100F 데이터시트(HTML) 55 Page - Skyworks Solutions Inc. |
|
55 / 59 page ![]() Si32260/1 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 55 Rev. 1.4 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 7, 2021 11.6. Stencil Aperture Design–QFN-60 (8x8 mm) Dimension mm D1 7.85 D2 7.85 E0.50 f0.65 P1 2.50 P2 0.85 P3 2.38 P4 2.62 P5 1.76 P6 1.35 X1 0.30 X2 1.25 Y1 0.85 Y2 1.40 Y3 1.05 Notes: Stencil Design 1. A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used to assure good solder paste release. 2. The stencil thickness should be 0.125 mm (5 mils). Card Assembly 3. A No-Clean, Type-3 solder paste is recommended. 4. The recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components. |