전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IN100-Q1-R-YC1I 데이터시트(PDF) 24 Page - List of Unclassifed Manufacturers

부품명 IN100-Q1-R-YC1I
상세설명  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-YC1I 데이터시트(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-YC1I Datasheet HTML 20Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 21Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 22Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 23Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 24Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 25Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 26Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 27Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
23 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
Figure 3 and Table 1. In addition, the ADC can be used to measure the internal VCC (shown as VBAT
in Figure 9) voltage level or the chip temperature. The required voltage reference (VREF) to the
ADC can be selected from multiple sources, including an on-chip 0.8V reference (V0P8), the VCC
voltage divided by 2, or external channels. The VREF shall not exceed 0.8V. The input voltage
range to the ADC shall be between 0V and 2*VREF.
Figure 9 : Sensor ADC block diagram
4.4.1. On-chip VCC monitoring
Measured at: Ta = 25°C, VCC=3.0V, unless otherwise noted (if On-chip VCC monitoring is used,
VCC should not be greater than 3.0V).
Table 6 : VCC monitoring characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Resolution
Using on-chip V0P8 as
reference
1.85
mV/LSB
Range
Input to ADC = 0.4*VCC.
Input range of ADC is 0V -
1.6V (FS).
1
3.6
V
Accuracy
With VREF calibration only
-3.3
1.1
3.3
%
With ADC offset and VREF
calibration
-0.9
0.3
0.9
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com