전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IN100-Q1-R-YC1I 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 IN100-Q1-R-YC1I
상세설명  Ultra-Low Power Bluetooth Beacon SoC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

IN100-Q1-R-YC1I 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IN100-Q1-R-YC1I Datasheet HTML 7Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 8Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 9Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 10Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 11Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 12Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 13Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 14Page - List of Unclassifed Manufacturers IN100-Q1-R-YC1I Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
10 / 47
www.inplay-tech.com
N1EDOC-DS-IN100-EN-V1.3
-
Real time measurement data: Measurements come from internal on-chip sensors or
external sensors with either analog or digital outputs to the device.
Types of advertising & data encryption: Continuous advertising and event-driven advertising
are available; data can be encrypted or unencrypted, with or without authentication.
-
Continuous advertising: Upon power-on, an advertising beacon is sent in every advertising
interval, which is configurable.
-
Event driven advertising: An advertising beacon is sent only when triggered by external
events. An example event is when a sensor ADC measurement is larger or smaller than a
predefined threshold.
The device supports privacy with a random or resolvable advertising address. It supports
enhanced privacy of the user data payload through the built-in hardware security engine.
Load switch control: Two power supply switches are available to provide power to any external
circuitry, including sensor ICs. These two switches can be event-driven or timer-driven.
-
Switch 0 (SW0), ties the supply pin of the powered device to VCC when ON.
-
Switch 1 (SW1), ties the supply pin of the powered device to GND when ON.
Power domain: There are two power domains, Always-ON (AON) domain and Dynamic ON/OFF
Power Domain (DOOPD).
Figure 2 shows the workflow and features of the NanoBeacon™ SoC IN100 product family.
Figure 2:NanoBeaconTM features overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com