전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC855T 데이터시트(PDF) 23 Page - NXP Semiconductors

부품명 MPC855T
상세설명  MPC860 PowerQUICC Family Hardware Specifications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC855T 데이터시트(HTML) 23 Page - NXP Semiconductors

Back Button MPC855T Datasheet HTML 19Page - NXP Semiconductors MPC855T Datasheet HTML 20Page - NXP Semiconductors MPC855T Datasheet HTML 21Page - NXP Semiconductors MPC855T Datasheet HTML 22Page - NXP Semiconductors MPC855T Datasheet HTML 23Page - NXP Semiconductors MPC855T Datasheet HTML 24Page - NXP Semiconductors MPC855T Datasheet HTML 25Page - NXP Semiconductors MPC855T Datasheet HTML 26Page - NXP Semiconductors MPC855T Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
MPC860 PowerQUICC Family Hardware Specifications, Rev. 10
Freescale Semiconductor
23
Bus Signal Timing
Figure 7 provides the timing for the synchronous input signals.
Figure 7. Synchronous Input Signals Timing
Figure 8 provides normal case timing for input data. It also applies to normal read accesses under the
control of the UPM in the memory controller.
Figure 8. Input Data Timing in Normal Case
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17
CLKOUT
TA
D[0:31],
DP[0:3]
B16
B17
B19
B18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77