전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T48C862M-R3-TNQ 데이터시트(PDF) 78 Page - ATMEL Corporation

부품명 T48C862M-R3-TNQ
상세설명  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862M-R3-TNQ 데이터시트(HTML) 78 Page - ATMEL Corporation

Back Button T48C862M-R3-TNQ Datasheet HTML 74Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 75Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 76Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 77Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 78Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 79Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 80Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 81Page - ATMEL Corporation T48C862M-R3-TNQ Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
78
T48C862-R3
4554A–4BMCU–02/03
Combination Modes
The UTCM consists of two timers (Timer 2 and Timer 3) and a serial interface. There is
a multitude of modes in which the timers and serial interface can work together.
The 8-bit wide serial interface operates as shift register for modulation and demodula-
tion. The modulator and demodulator units work together with the timers and shift the
data bits into or out of the shift register.
Combination Mode
Timer 2 and SSI
Figure 73. Combination Timer 2 and SSI
4-bit counter 2/1
RES
OVF1
Compare 2/1
T2CO1
POUT
CL2/2
DCG
T2M1
P4CR
8-bit counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
Timer 2 - control
TOG2
INT4
Biphase-,
Manchester-
modulator
Output
MOUT
T2O
Timer 2
modulator
output-stage
T2M2
SO
Control
T2C
CL2/1
T2I
SYSCL
T1OUT
TOG3
SCL
I/O-bus
8-bit shift register
MSB
LSB
Shift_CL
SO
SIC1
SIC2
SISC
SCLI
Control
STB
SRB
SI
Output
INT3
I/O-bus
SSI-control
TOG2
POUT
T1OUT
SYSCL
MCL_SC
MCL_SD
Transmit
buffer
Receive
buffer
CM1
I/O-bus
POUT
SO
SCL
SC
SD
DCGO
TOG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More