전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVT16260 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74ALVT16260
상세설명  12-bit to 24-bit multiplexed D-type latches 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16260 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16260 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16260 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16260
12-bit to 24-bit multiplexed D-type latches (3-State)
1988 Jan 30
11
SSOP56:
plastic shrink small outline package; 56 leads; body width 7.5 mm
SOT371-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14