전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

23LCV1024-I/ST 데이터시트(PDF) 14 Page - Microchip Technology

부품명 23LCV1024-I/ST
상세설명  1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LCV1024-I/ST 데이터시트(HTML) 14 Page - Microchip Technology

Back Button 23LCV1024-I/ST Datasheet HTML 10Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 11Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 12Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 13Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 14Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 15Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 16Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 17Page - Microchip Technology 23LCV1024-I/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
23LCV1024
DS20005156B-page 14
 2012-2021 Microchip Technology Inc.
FIGURE 4-3:
BYTE WRITE MODE SDI
4.2
Exit SDI Mode
To exit from SDI mode, the RSTIO command must be
issued. The command must be entered in the current
device configuration (see Figure 4-4).
FIGURE 4-4:
RESET SDI MODE (RSTIO) – FROM SDI MODE
Note:
Page and Sequential mode are similar in that additional bytes can be clocked in before CS is
brought high.
CS
13 14 15 16 17 18 19
02
3 4
5
6
1
42
0
22 20 18
53 1
23 21 19
24-Bit Address
Instruction
Data In
64 2 0
75 3 1
SCK
SIO1
0
0
0
0
00 0 1
SIO0
SCK
0
2
3
1
SIO0
CS
11
1
1
SIO1
11
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29