전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC55S69JBD64 데이터시트(PDF) 88 Page - NXP Semiconductors

부품명 LPC55S69JBD64
상세설명  32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S69JBD64 데이터시트(HTML) 88 Page - NXP Semiconductors

Back Button LPC55S69JBD64 Datasheet HTML 84Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 85Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 86Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 87Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 88Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 89Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 90Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 91Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 140 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 8 December 2022
88 of 138
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
[1] Number of erase/program cycles.
[2] Flash operations (erase, blank check, program) and reading single word can only be performed for CPU
frequencies of up to 100 MHz. Cannot be performed for frequencies above 100 MHz.
[3] Temperature = 25 C.
11.3 I/O pins
[1] Based on characterized, not tested in production
[2] Rise and fall times measured between 90% and 10% of the full input signal level.
[3] The slew rate is configured in the IOCON block the SLEW bit. See the LPC55S6x user manual.
ter
erase time
1 page or multiple pages
-
2.0
-
ms
tprog
programming
time
-
1.09
-
ms
Nupdates number of
page updates
1 page or multiple pages
-
-
50
million
Table 26. Flash characteristics[2]
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ [3] Max
Unit
Table 27. Dynamic characteristic: I/O pins[1]
Tamb = 40 C to +105 C; 1.8 V  VDD  3.6 V
Symbol Parameter Conditions
Min
Typ Max
Unit
Standard I/O pins - normal drive strength
tr
rise time
pin configured as output; SLEW = 1
[2][3] 2.0
-
4.0
ns
tf
fall time
pin configured as output; SLEW = 1
[2][3] 2.0
-
4.0
ns
tr
rise time
pin configured as output; SLEW = 0
[2][3] 1.2
-
11.0
ns
tf
fall time
pin configured as output; SLEW = 0
[2][3] 3.9
-
9.0
ns
I2C I/O pins - normal drive strength
tr
rise time
pin configured as output; SLEW = 1
[2][3] 3.0
-
11.0
ns
tf
fall time
pin configured as output; SLEW = 1
[2][3] 3.0
-
7.0
ns
tr
rise time
pin configured as output; SLEW = 0
[2][3] 21.5
-
39.0
ns
tf
fall time
pin configured as output; SLEW = 0
[2][3] 29.8
-
36.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com