전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC55S69JBD64 데이터시트(PDF) 98 Page - NXP Semiconductors

부품명 LPC55S69JBD64
상세설명  32-bit Arm Cortex®-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator,...
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S69JBD64 데이터시트(HTML) 98 Page - NXP Semiconductors

Back Button LPC55S69JBD64 Datasheet HTML 94Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 95Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 96Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 97Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 98Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 99Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 100Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 101Page - NXP Semiconductors LPC55S69JBD64 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
LPC55S6x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 8 December 2022
98 of 138
NXP Semiconductors
LPC55S6x
32-bit ARM Cortex-M33 microcontroller
11.12 High-Speed SPI interface (Flexcomm Interface 8)
The actual SPI bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for SPI master
mode (transmit/receive) is 50 Mbit/s. Excluding delays introduced by external device and
PCB, the maximum supported bit rate for SPI slave receive mode is 50 Mbit/s and for SPI
slave transmit mode is 25 Mbit/s.
[1] Based on simulated values. Not tested in production.
Table 37. SPI dynamic characteristics[1]
Tamb = 40 C to 105 C; VDD = 1.8 V to 3.6 V; CL = 10 pF balanced loading on all pins; Input slew = 1 ns, SLEW setting =
fast mode for all pins;. Parameters sampled at the 50% level of the rising or falling edge.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI master
tDS
data set-up time
4
-
-
ns
tDH
data hold time
0
-
-
ns
tv(Q)
data output valid time
3
-
8
ns
SPI slave
tDS
data set-up time
4
-
-
ns
tDH
data hold time
0
-
-
ns
tv(Q)
data output valid time
6
-
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com