전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVT16652DGG 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74ALVT16652DGG
상세설명  2.5V/3.3V 16-bit bus transceiver/register 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16652DGG 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16652DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 12Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 13Page - NXP Semiconductors 74ALVT16652DGG Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16652
2.5V/3.3V 16-bit bus transceiver/register
(3-State)
1998 Feb 13
10
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ± 0.2V
UNIT
MIN
TYP1
MAX
fMAX
Maximum clock frequency
1
150
200
MHz
tPLH
tPHL
Propagation delay
nCPAB to nBx or nCPBA to nAx
1
1.0
1.0
3.0
2.7
4.9
4.2
ns
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
0.5
0.5
2.0
2.1
3.2
3.5
ns
tPLH
tPHL
Propagation delay
nSAB to nBx or nSBA to nAx
3
1.5
1.5
3.4
3.2
5.2
5.8
ns
tPZH
tPZL
Output enable time
nOEBA to nAx
5
6
1.5
0.5
3.2
2.0
4.7
3.2
ns
tPHZ
tPLZ
Output disable time
nOEBA to nAx
5
6
1.5
1.8
3.2
2.3
4.8
3.5
ns
tPZH
tPZL
Output enable time
nOEAB to nBx
5
6
1.5
1.0
3.3
2.5
4.9
3.6
ns
tPHZ
tPLZ
Output disable time
nOEAB to nBx
5
6
2.0
1.0
3.9
2.3
5.9
6.0
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V, tR = 2.5ns, tF = 2.5ns, CL = 50pF, RL = 500Ω, Tamb = –40 °C to +85 °C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V ±0.2V
UNIT
MIN
TYP
ts(H)
ts(L)
Setup time 1
nAx to nCPAB, nBx to nCPBA
4
1.8
2.0
0.9
1.0
ns
th(H)
th(L)
Hold time 1
nAx to nCPAB, nBx to nCPBA
4
0.0
0.0
–1.0
–1.0
ns
tw(H)
tw(L)
Pulse width, High or Low
nCPAB or nCPBA
1
1.5
1.5
ns
NOTE:
1. This data sheet limit may vary among suppliers.
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V; VM = VCC/2 at VCC v 2.7V
VX = VOL + 0.3V at VCC w 3.0V; VX = VOL + 0.15V at VCC v 2.7V
VY = VOH – 0.3V at VCC w 3.0V; VY = VOH – 0.15V at VCC v 2.7V
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCPBA or
nCPAB
nAx or nBx
SH00030
0V
3.0V or VCC
whichever
is less
VOH
VOL
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VM
tPLH
tPHL
VM
VM
VM
nBx or nAx
nAx or nBx
SH00048
3.0V or VCC
0V
VOH
VOL
Waveform 2. Propagation Delay, nAx to nBx or nBx to nAx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14